|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
M1BS E158859 20.0x9.8x11.0 Features DIL Pitch Terminals .High Sensitivity g Conforms to FCC Part 68 1.5kV Surge and Dielectric 1000VACg Fully sealed (immersion clearable). High Reliability bifurcated Contact. Application for Telecommunication EquipmentfOffice Equipmentf Security Alarm Systemsf Measuring instrumentsf Medical Monitoring EquipmentfAudio Visual Equipmentf Flight SimulatorfSensor Controlg Contact Data Contact Arrangement Contact Material Contact Rating (resistive) Max. Switching Power Max. Switching Voltage Contact Resistance or Voltage drop Operation Electrical life Mechanical 2C PdRu 2A/30VDC; 0.6A/125VAC 60W 125VA 220VDC 250VAC 100m 3y10 108 5 5 Min. Switching load 1mA/1V Reference Value Max. Switching Current:2A Item 3.12 of IEC255-7 Ag Alloy 1y10 Item 3.30 of IEC255-7 Item 3.31 of IEC255-7 CAUTION: Relays previously tested or used above 10mA resistive at 6VDC maximum or peak AC open circuit are not recommended for subsequent use in low level applications. Coil Parameter Coil voltage VDC Rated 3 5 6 9 12 24 48 3 5 6 9 12 24 48 Max. 4.2 7.0 8.4 12.3 17.4 34.0 64.9 4.9 8.1 9.7 14.5 19.4 38.9 77.8 Coil resistance 10% 16 45 66 140 280 1070 3900 22.5 62.5 90 203 360 1440 5760 Pick up voltage VDC(max) (70% of rated voltage ) 2.1 3.5 4.2 6.3 8.4 16.8 33.6 2.1 3.5 4.2 6.3 8.4 16.8 33.6 release voltage VDC(min) (10% of rated voltage) 0.3 0.5 0.6 0.9 1.2 2.4 4.8 0.3 0.5 0.6 0.9 1.2 2.4 4.8 Coil power W 0.56 0.56 0.55 0.58 0.52 0.54 0.59 0.4 0.4 0.4 0.4 0.4 0.4 0.4 3 1.5 3 1.5 Operate Time ms Release Time ms CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay. 2.Pickup and release voltage are for test purposes only and are not to be used as design criteria. Qualification inspection: Perform the qualification test as specified in the table of IEC255-19-1 and minimum sample size 24. 37 www.dblectro.com M1BS Characteristics Electrostatic capacitance Between open Contacts Between coil & Contacts Between Contact Poles Insulation Resistance Dielectric Strength Between open Contacts Between coil & Contacts Between Contact Poles Surge Withstand Voltage Between open Contacts Between coil & Contacts Between Contact Poles Shock resistance Vibration resistance Terminals strength Solderability Temperature Range Weight Approx.0.7pF Approx.1.0pF Approx.0.9pF 1000M min (at 500VDC) 1000VAC 1min 1000VAC 1min 1000VAC 1min 1500V 1500V 1500V Functional:100m/s2 11ms; Endurance:1000 m/s2 6ms 10~55Hz Double amplitude FunctionalX1.5mm Endurance:5mm 5N 230x2 10x0.5s -40~65(-40~149F) (-40~70 for 0.4W Coil) 4.5g Item 3.41 of IEC255-5 Item 3.41 of IEC255-5 Item 3.41 of IEC255-5 Item 7 of IEC255-5 Item 6 of IEC255-5 Item 6 of IEC255-5 Item 6 of IEC255-5 FCC68 FCC68 FCC68 IEC68-2-27 Test Ea IEC68-2-6 Test Fc IEC68-2-21 Test Ua1 IEC68-2-20 Test Ta method 1 Ordering Information M1BS 12 H A Nominal coil power:Nil:0.55W; A:0.40W Sealing H: Sealed Type Nominal coil Voltage9VDC):3:3V;5:5V;6:6V;9:9V;12:12V;24:24V;48:48V Type XM1BS Dimensions 2,54 0.1 2,54 0.1 mm/inch 0.787 0.386 1 4 6 8 0.433 16 0.138 13 11 9 0.787 Wiring diagram 0.01 0.044 0.30 0.20 0.20 0.30 (Bottom views) 0.031 Tolerance: 0.1/0.004 Dimensions Mounting (Bottom views) >NOTES 1).Dimensions are in millimeter. 2).Inch equivalents are given for general information only. www.dblectro.com |
Price & Availability of M1BS |